Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 367 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 367 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 363Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 364Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 365Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 369Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 370Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 371Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 400 page
background image
8 GPS receiver
The GPS receiver supports GPS L1 C/A reception. Operation is time multiplexed with LTE modem, and it is
possible to obtain the GPS position either while the LTE is in RRC Idle mode or power saving mode (PSM),
or when the LTE modem is completely deactivated.
The application processor is the master in the system and responsible for starting and stopping of the GPS
receiver. GPS receiver is accessible to user through the GPS API.
Note: For details regarding the modem API, please refer to nRF Connect SDK document and nRF91
AT Commands, Command Reference Guide document.
Key features of the GPS receiver are:
• GPS L1 C/A supported
• Optimized for low-power and low-cost IoT applications
• Modes of operation:
• Single shot (cold start mode by default)
• Position fix per fixed interval, configurable between 10 s - 0.5 hour: first start with cold start,
sequential fixes with hot start
• Continuous tracking
• Power saving mode:
• Duty-cycled continuous tracking operation
• Antenna interface:
• External low-noise amplifier (LNA) with SAW filter recommended on the GPS antenna input
• Dedicated GPS antenna, or shared antenna with LTE
• GPS antenna pin is DC grounded
Note: There must be minumum 27dB attenuation to out of band power to avoid blocking high
power RF signals to GPS receiver input. This can be achieved for example by a SAW filter at the
output of the external LNA.
8.1 Electrical specification
Table below summarises GPS receiver performance parameters.
4418_1315 v2.0
367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com