| Electronic Components Datasheet Search |
|
NRF9160-SIBA-R7 Datasheet(PDF) 369 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 Datasheet(HTML) 369 Page - Nordic Semiconductor |
|
369 / 400 page ![]() 9 Debug and trace 9.1 Overview The debug and trace system offers a flexible and powerful mechanism for non-intrusive debugging. DAP CPU ARM Cortex-M33 SWDCLK SWDIO SW-DP POWER CxxxPWRUPREQ CxxxPWRUPRACK Power External debugger Peripherals RAM and flash APB/AHB AHB AHB-AP DAP bus interconnect APPROTECT.PALL / SECUREAPPROTECT.PALL CTRL-AP UICR NVMC ETM ITM TPIU Trace Trace TRACEDATA[3] TRACEDATA[2] TRACEDATA[1] TRACEDATA[0] TRACECLK Figure 113: Debug and trace overview The main features of the debug and trace system include: • Two-pin serial wire debug (SWD) interface, protocol version 1 • Access port connection • Breakpoint unit (BPU) supports eight hardware breakpoint comparators • Data watchpoint and trace (DWT) unit supports four watchpoint comparators • Instrumentation trace macrocell (ITM) • Embedded trace macrocell (ETM) • Access protection through APPROTECT, ERASEPROTECT and SECUREAPPROTECT • Trace port interface unit (TPIU) • 4-bit parallel trace of ITM and ETM trace data Note: When a system contains multiple CPU domains, it is important to notice that if one domain (subsystem A) has master rights on another domain (subsystem B), the master subsystem can have access to data from the slave subsytem. In this example, even if subsystem B is locked by APPROTECT or ERASEPROTECT, subsystem A can access some data for subsystem B. Consequently, even if the security permissions are managed per subsystem, it is mandatory to have a global approach to the protection. Protecting a slave subsystem does not guarantee system security if the master subsystem is not protected. 9.1.1 Special consideration regarding debugger access A debugger, if desired, can be restricted to debug non-secure code only, and access non-secure memory regions and peripherals using register SECUREAPPROTECT on page 42. Register APPROTECT on page 41 will block all debugger access. Debugger accesses are controlled as described in table below. 4418_1315 v2.0 369 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |