Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 370 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 370 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 369Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 370Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 374Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 400 page
background image
Debug and trace
Debugging capability
UICR.APPROTECT.PALL
UICR.SECUREAPPROTECT.PALL
Secure and non-secure
code
Unprotected
Unprotected
Non-secure code only
Unprotected
Protected
No debugging possible
Protected
-
Table 104: Debugger access control
If a RAM or flash region has its permission set to allow code execution, the content of this region will
be visible to the debugger even if the read permission is not set. This allows a debugger to display the
content of the code being executed. For more about how to configure permissions, please refer to SPU —
System protection unit on page 259.
9.1.2 DAP - Debug access port
An external debugger can access the device via the debug access port (DAP).
The DAP implements a standard ARM CoreSight serial wire debug port (SW-DP). The SW-DP implements
the serial wire debug (SWD) protocol that is a two-pin serial interface, see SWDCLK and SWDIO illustrated
in figure Debug and trace overview on page 369.
In addition to the default access port in the application CPU (AHB-AP), the DAP includes a custom control
access port (CTRL-AP), described in more detail in CTRL-AP - Control access port on page 372.
Note:
• The SWDIO line has an internal pull-up resistor.
• The SWDCLK line has an internal pull-down resistor.
There are several access ports that connect to different parts of the system. An overview is given in the
table below.
AP ID
Type
Description
0
AHB-AP
Application subsystem access port
3
APB-AP
CoreSight subsystem access port
4
CTRL-AP
Application subsystem control access port
Table 105: Access port overview
The standard ARM components are documented in ARM CoreSight SoC-400 Technical Reference Manual,
revision r3p2. The control access port (CTRL-AP) is proprietary, and described in more detail in CTRL-AP -
Control access port on page 372.
9.1.3 Debug interface mode
Before the external debugger can access the CPU's access port (AHB-AP) or the control access port (CTRL-
AP), the debugger must first request the device to power up via CxxxPWRUPREQ in the SWJ-DP.
As long as the debugger is requesting power via CxxxPWRUPREQ, the device will be in debug interface
mode. Otherwise, the device is in normal mode. When a debug session is over, the external debugger
must make sure to put the device back into normal mode and then a pin reset should be performed. The
reason is that the overall power consumption is higher in debug interface mode compared to normal
mode.
Some peripherals behave differently in debug interface mode compared to normal mode. The differences
are described in more detail in the chapters of the affected peripherals.
4418_1315 v2.0
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com