Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 374 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 374 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 370Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 376Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 378Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 400 page
background image
Debug and trace
DAP-SIDE
CPU-SIDE
CTRL-AP MAILBOX REGISTERS
DAP
CPU
TXDATA
TXDATA
RXDATA
RXDATA
TXSTATUS
RXSTATUS
RXSTATUS
TXSTATUS
Figure 115: Mailbox register interface
Mailbox transfer sequence
1. Sender writes TXDATA.
2. Hardware sets sender's TXSTATUS to DataPending.
3. Hardware sets receiver's RXSTATUS to DataPending.
4. Receiver reads RXDATA.
5. Hardware sets receiver's RXSTATUS to NoDataPending.
6. Hardware sets sender's TXSTATUS to NoDataPending.
9.2.4 Disabling erase protection
The erase protection mechanism can be disabled to return a device to factory default settings on next
reset.
The debugger can read the erase protection status in the register ERASEPROTECT.STATUS on page 376.
If ERASEPROTECT has been enabled, both the debugger and on-chip firmware must write the same
non-zero 32-bit KEY value into their respective ERASEPROTECT.DISABLE registers to disable the erase
protection. When both registers have been written with the same non-zero 32-bit KEY value, the device is
automatically erased as described in Erase all on page 373. The access ports will be re-enabled on the
next reset once the secure erase sequence has completed.
The write-once register ERASEPROTECT.LOCK on page 379 should be set to Locked as early as possible
in the start-up sequence, preferably as soon as the on-chip firmware has determined it does not need to
communicate with a debugger over the CTRL-AP mailbox interface. Once written, it will not be possible to
remove the erase protection until the next reset.
9.2.5 Debugger registers
CTRL-AP has a set of registers that can only be accessed from the debugger over the SWD interface. These
are not accessible from the CPU.
9.2.5.1 Registers
Register
Offset
Description
RESET
0x000
System reset request
ERASEALL
0x004
Perform a secure erase of the device, where flash, SRAM and UICR will be erased in sequence. The
device will be returned to factory default settings upon next reset.
ERASEALLSTATUS
0x008
This is the status register for the ERASEALL operation.
APPROTECT.STATUS
0x00C
This is the status register for the UICR access port protection.
4418_1315 v2.0
374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com