Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SIBA-R7 Datasheet(PDF) 375 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 375 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 376Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 379Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 400 page
background image
Debug and trace
Register
Offset
Description
ERASEPROTECT.STATUS
0x018
This is the status register for the UICR ERASEPROTECT configuration.
ERASEPROTECT.DISABLE
0x01C
This register disables ERASEPROTECT and performs ERASEALL.
MAILBOX.TXDATA
0x020
Data sent from the debugger to the CPU.
MAILBOX.TXSTATUS
0x024
This register shows a status that indicates if data sent from the debugger to the CPU has been read.
MAILBOX.RXDATA
0x028
Data sent from the CPU to the debugger.
MAILBOX.RXSTATUS
0x02C
This register shows a status that indicates if data sent from the CPU to the debugger has been read.
IDR
0x0FC
CTRL-AP Identification Register, IDR
Table 107: Register overview
9.2.5.1.1 RESET
Address offset: 0x000
System reset request
This register is automatically deactivated by writing Erase to ERASEALL, it is then kept inactive until a reset
source affecting the debug system is asserted. See Reset behavior on page 57.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
RESET
System reset request and status
NoReset
0
Write to release reset
Reading '0' means reset is not active
Reset
1
Write to hold reset
Reading '1' means reset is active
9.2.5.1.2 ERASEALL
Address offset: 0x004
Perform a secure erase of the device, where flash, SRAM and UICR will be erased in sequence. The device
will be returned to factory default settings upon next reset.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
ERASEALL
Return device to factory default settings
NoOperation
0
No operation
Erase
1
Erase flash, SRAM, and UICR in sequence
9.2.5.1.3 ERASEALLSTATUS
Address offset: 0x008
This is the status register for the ERASEALL operation.
4418_1315 v2.0
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com