Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 219 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 215Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 216Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 217Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 218Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 219Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 220Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 221Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 222Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
219/300
memory contents through its 8-bit data bus even while the security bit is set. The 8032 can
read the status of the security bit at run-time (but it cannot change it) by reading the csiop
register defined in Table 166.
28.5.25
PLDs
The PSD module contains two PLDs: the Decode PLD (DPLD), and the General PLD
(GPLD), as shown in Figure 73 on page 221. Both PLDs are fed by a common PLD input
signal bus, and additionally, the GPLD is connected to the 8032 data bus.
PLD logic is specified using PSDsoft Express and programmed into the PSD module using
the JTAG ISP channel. PLD logic is non-volatile and available at power-up. PLDs may not be
programmed by the 8032. The PLDs have selectable levels of performance and power
consumption.
The DPLD performs address decoding, and generates select signals for internal and
external components, such as memory, registers, and I/O ports. The DPLD can generate
External Chip-Select (ECS1-ECS2) signals on Port D.
The GPLD can be used for logic functions, such as loadable counters and shift registers,
state machines, encoding and decoding logic. These logic functions can be constructed
from a combination of 16 Output Macrocells (OMC), 20 Input Macrocells (IMC), and the
AND-OR Array.
Routing of the 16 OMCs outputs can be divided between pins on three Ports A, B, or C by
the OMC Allocator as shown in Figure 77 on page 227. Eight of the 16 OMCs that can be
routed to pins on Port A or Port B and are named MCELLAB0-MCELLAB7. The other eight
OMCs to be routed to pins on Port B or Port C and are named MCELLBC0-MCELLBC7.
This routing depends on the pin number assignments that are specified in PSDsoft Express
for “PLD Outputs” in the Pin Definition section. OMC outputs can also be routed internally
(not to pins) used as buried nodes to create shifters, counters, etc.
The AND-OR Array is used to form product terms. These product terms are configured from
the logic definitions entered in PSDsoft Express. A PLD Input Bus consisting of 69 signals is
connected to both PLDs. Input signals are shown in Table 167, both the true and
compliment versions of each of these signals are available at inputs to each PLD.
Table 165.
Main Flash memory protection register definition (address = csiop +
offset C0h)(1)
1.
Bit definitions:
Sec<i>_Prot 1 = Flash memory sector <i> is write protected, 0 = Flash memory sector <i> is not write
protected.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Table 166.
Secondary Flash memory protection/security register definition (csiop +
offset C2h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3(1)
1.
Sec<i>_Prot 1 = Flash memory sector <i> is write protected, 0 = Flash memory sector <i> is not write
protected.
Bit 2(1)
Bit 1(1)
Bit 0(1)
Security_Bit
(2)
2.
Security_Bit = 1, device is secured, 0 = not secured.
not used
not used
not used
Sec3_Prot Sec2_Prot Sec1_Prot Sec0_Prot
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com