Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 104 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 104 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 100Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 101Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 102Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 103Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 104Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 105Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 106Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 107Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 108Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 118 page
background image
MB90470 Series
104
(12) Timer Input Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Notes :
• tCP : See (1) Clock Timing Ratings.
• VCC = VCC3 = VCC5
(13) Timer Output Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Note : VCC
= Vcc3 = VCC5
Parameter
Symbol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH
tTIWL
TIN0,
IN0, IN1,
PWC0 to PWC3
4 tCP
ns
Parameter
Sym-
bol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
CLK
↑ → Tout change time
PPG0 to PPG5 change time
OUT0 to OUT5 change time
tTO
TOT0,
PPG0 to PPG5,
OUT0 to OUT5
80 pF load
30
ns
0.8 VCC
TIN0,
PWC0 to PWC3,
IN0, IN1
0.8 VCC
0.2 VCC
0.2 VCC
tTIWH
tTIWL
0.7 VCC
CLK
TOUT,
PPG0 to PPG5,
OUT0 to OUT5
0.3 VCC
0.7 VCC
tTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com