Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 108 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 108 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 104Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 105Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 106Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 107Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 108Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 109Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 110Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 111Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 112Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
MB90470 Series
108
5.
A/D Converter Electrical Characteristics
(VCC
= AVCC = 1.8 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*1 : At machine clock frequency 16 MHz.
*2 : Current with A/D converter not operating, and CPU in stop mode (VCC
= AVCC = AVRH = 3.0 V)
Parameter
Sym-
bol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution

10
bit
Total error

±3.0
LSB
at VCC
= AVCC =
2.2 V to 3.6 V
±4.0
LSB
at VCC
= AVCC =
1.8 V to 2.2 V
Linear error

±2.5
LSB
at VCC
= AVCC =
2.2 V to 3.6 V
±3.0
LSB
at VCC
= AVCC =
1.8 V to 2.2 V
Differential linear error

±1.9
LSB
at VCC
= AVCC =
2.2 V to 3.6 V
±2.4
LSB
at VCC
= AVCC =
1.8 V to 2.2 V
Zero transition voltage
VOT
AN0 to AN7
AVSS
− 1.5 LSB AVSS + 0.5 LSB AVSS + 2.5 LSB mV
at VCC
= AVCC =
2.2 V to 3.6 V
AVSS
− 2.0 LSB AVSS + 0.5 LSB AVSS + 3.0 LSB mV
at VCC
= AVCC =
1.8 V to 2.2 V
Full scale transition voltage VFST AN0 to AN7
AVRH
− 3.5 LSB AVRH − 1.5 LSB AVRH + 0.5 LSB mV
at VCC
= AVCC =
2.2 V to 3.6 V
AVRH
− 4.0 LSB AVRH − 1.5 LSB AVRH + 1.0 LSB mV
at VCC
= AVCC =
1.8 V to 2.2 V
Conversion time

5.8125*1

µs at AVRH ≥ 2.7 V
Analog port input current
IAIN
AN0 to AN7
0.1
10
µA
Analog input voltage
VAIN AN0 to AN7
AVSS
AVRH
V
Reference voltage
AVRH
AVSS
+ 2.2
AVCC
V
at VCC
= AVCC =
2.2 V to 3.6 V
AVSS
+ 1.8
AVCC
V
at VCC
= AVCC =
1.8 V to 2.2 V
Supply current
IA
AVCC
1.2
4.4
mA
IAH
AVCC

5*2
µA
Reference voltage supply
current
IR
AVRH
95
170
µA
IRH
AVRH

5*2
µA
Inter-channel variation
AN0 to AN7

4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com