Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 109 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 109 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 105Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 106Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 107Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 108Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 109Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 110Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 111Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 112Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 113Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 118 page
background image
MB90470 Series
109
Notes :
• VCC = VCC3 = VCC5
• The relative error increases as |AVRH − AVSS| is reduced.
• Observe the following conditions in applying output impedance on the external circuits of the analog
input.
Output impedance on the external circuit is recommended to be 6 k
Ω or less.
If external capacitance is used, it is recommended that this be several thousand times the level of internal
capacitors in view of the effects of voltage division between the external capacitor and the interior of the
chip.
• If the output impedance of the external circuits is too high, the analog voltage sampling time may be
insufficient.
(sampling time
= 3.00 µs at machine clock frequency 20 MHz) .
< Reference Data >
• Analog Input Circuit
• A/D Operating Frequency Restrictions
Supply voltage
A/D conversion time [
µµµµs]
Machine clock frequency
3.6 V
≥ AVCC ≥ 3.0 V
4.650
20 MHz
3.6 V
≥ AVCC ≥ 2.7 V
5.813
16 MHz
2.7 V
> AVCC ≥ 2.6 V
6.643
14 MHz
2.6 V
> AVCC ≥ 2.5 V
7.750
12 MHz
2.5 V
> AVCC ≥ 2.4 V
8.455
11 MHz
2.4 V
> AVCC ≥ 2.3 V
9.300
10 MHz
2.3 V
> AVCC ≥ 2.2 V
11.63
8 MHz
2.2 V
> AVCC ≥ 2.1 V
15.50
6 MHz
2.1 V
> AVCC ≥ 2.0 V
23.25
4 MHz
2.0 V
> AVCC ≥ 1.9 V
46.50
2 MHz
1.9 V
> AVCC ≥ 1.8 V
93.00
1 MHz
RON1
RON2
RON3
RON4
C0
C1
Analog input
Comparator
Sample and hold circuit
Note : Values shown here are intended as guidelines.
• Model analog input circuit
RON1 : approx. 5 k
Ω
RON2 : approx. 617
Ω
RON3 : approx. 617
Ω
RON4 : approx. 473
Ω
C0 : approx. 35 pF
C1 : approx. 2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com