Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 110 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 110 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 106Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 107Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 108Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 109Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 110Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 111Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 112Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 113Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 114Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 118 page
background image
MB90470 Series
110
• Use of the X0/X1, X0A/X1A Pins
• Sample use of external clock input
6.
Flash Memory Program/Erase Characteristics
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA
= + 25 °C
VCC
= 3.3 V
1
15
s
Excludes 00H programming prior erasure
Chip erase time
7
s
Excludes 00H programming prior erasure
Word (16-bit)
programming time
16
3600
µs
Excludes system-level overhead
Erase/Program cycle
1000

cycle
Data hold time
100000

h
X1
C2
C3
C4
C1
X0
X0A
X1A
Pull-up
resistance 1
Pull-up
resistance 2
Damping
resistance 1
Damping
resistance 2
Use with a crystal oscillator
In normal use (VCC
= 2 V or higher)
Pull-up resistance 1, 2
Damping resistance 1, 2
C1 to C4
For all pins, consult regarding
manufacturer of oscillator.
(Sample operation using VCC
= 2 V,
f
= 5 MHz or less)
Pull-up resistance 1
= 5.1 kΩ
Pull-up resistance 2
= 510 kΩ
Damping resistance 1
= 0 Ω
Damping resistance 2
= 39 kΩ
C1
= C2 = 22 pF
C3
= C4 = 30 pF
X0
X1
OPEN
MB90470 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com