Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 112 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 112 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 108Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 109Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 110Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 111Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 112Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 113Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 114Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 115Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 116Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 118 page
background image
MB90470 Series
112
(5) Supply Current (fcp
==== internal stroke frequency)
• MASK versions
90
80
70
60
50
40
30
20
10
0
2.4
2.7
3.0
3.3
3.6
3.9
fcp
= 20 MHz
fcp
= 16 MHz
fcp
= 12.5 MHz
fcp
= 10 MHz
fcp
= 4 MHz
fcp
= 2 MHz
fcp
= 1 MHz
TA
= +25 °C
VCC (V)
2.4
2.7
3.0
3.3
3.6
3.9
TA
= +25 °C
VCC (V)
fcp
= 20 MHz
fcp
= 16 MHz
fcp
= 12.5 MHz
fcp
= 10 MHz
fcp
= 4 MHz
fcp
= 2 MHz
fcp
= 1 MHz
35
30
25
20
15
10
5
0
ICC
− VCC
ICCS
− VCC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.4
2.7
3.0
3.3
3.6
3.9
VCC (V)
TA
= +25 °C
40
35
30
25
20
15
10
5
0
2.4
2.7
3.0
3.3
3.6
3.9
VCC (V)
TA
= +25 °C
ICCH
− VCC
ICCL
− VCC
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.4
2.7
3.0
3.3
3.6
3.9
VCC (V)
TA
= +25 °C
ICCT
− VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com