Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 197 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 193Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 194Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 195Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 196Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 197Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 198Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 199Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 200Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 382 page
background image
Table 40. Static power consumption of flash memory banks when supplied by LDO or SMPS
Symbol
Parameter
Typ
Unit
25
55
85
105°C
125°C
IDD(Flash_Bank1)(1)
1. When the flash memory is in power down in Sleep mode (SLEEP_PD = 1), Bank 1 and Bank 2 are in power down.
Flash bank 1 static consumption
in normal mode
(PD1 = 1 versus PD1 = 0)
50
50
60
60
80
µA
IDD(Flash_Bank2)(1)
Flash bank 2 static consumption
in normal mode
(PD2 = 1 versus PD2 = 0)
50
50
60
60
80
IDD(Flash_Bank_LPM)(2)
2. If no bank is in power down, the additional static consumption of the flash memory in normal mode versus low-power
mode is 2 × IDD(Flash_Bank_LPM).
One Flash bank additional static
consumption in normal mode
versus low-power mode
(LPM = 0 versus. LPM = 1)
30
30
30
30
30
Table 41. Typical current consumption in Run mode on LDO, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON(1)
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8V
3V
3.3V
1.8V
3V
3.3V
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 4
Reduced Code
1.85
1.85
1.85
mA
77
77
77
µA/MHz
CoreMark
1.85
1.85
1.85
77
77
77
SecureMark
2
2
2
83
83
83
Dhrystone 2.1
1.95
1.95
1.95
81
81
81
Fibonacci
1.6
1.6
1.6
67
67
67
While(1)
1.4
1.4
1.4
58
58
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com