Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 214 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 214 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 210Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 211Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 212Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 213Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 214Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 215Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 216Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 217Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 382 page
background image
Table 53. Current consumption in Stop 2 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
IDD(Stop 2)
Supply current in Stop 2 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
12.5
24
57.5
105
190
µA
2.4
12.5
24
58
105
190
3
11.5
26.5
59
105
190
3.3
13
27
60.5
110
195
3.6
1226.563
110
200
Supply current in Stop 2 mode,
RTC disabled,
all SRAMs retained
1.8
48
89
210
380
700
2.4
47
89.5
210
380
700
3
50
89.5
210
380
695
3.3
49.5
88
210
390
705
3.6
55
91.5
215
390
710
IDD(Stop 2
with RTC)
Supply current in Stop 2 mode,
RTC(1) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
12.5
24.5
58
105
190
2.4
13
24.5
58.5
105
190
3
12
26.5
59.5
105
190
3.3
13.5
27.5
61
110
195
3.6
12.5
27.5
64
115
200
Supply current in Stop 2 mode,
RTC(1) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
12.5
25
57.5
105
190
2.4
12.5
24
58
105
190
3
11
26.5
59.5
105
190
3.3
1327.561
110
195
3.6
12.5
27
63.5
110
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com