Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 216Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 217Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 218Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 219Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 220Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 221Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 222Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 223Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 382 page
background image
Table 57. Current consumption in Stop 3 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
IDD(Stop 3)
Supply current in Stop 3 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.55
14.5
39.5
75
140
µA
2.4
6.1
14
39.5
75.5
140
3
5.7
14.5
40.5
77
145
3.3
7.15
15
41.5
78.5
145
3.6
7.55
17.5
44
83
150
Supply current in Stop 3 mode,
RTC disabled,
all SRAMs retained
1.8
27.5
66
190
375
740
2.4
29
66.5
190
375
740
3
28.5
66
190
380
740
3.3
28.5
66.5
190
385
745
3.6
27
68.5
195
390
745
IDD(Stop 3
with RTC)
Supply current in Stop 3 mode,
RTC(1) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.75
15
40
75.5
140
2.4
6.45
14
39.5
75.5
140
3
6.25
15
41
77.5
145
3.3
7.7
15.5
42
79
145
3.6
8.15
18
44.5
83.5
150
Supply current in Stop 3 mode,
RTC(1) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
5.55
14.5
39.5
75
140
2.4
6.2
14
39.5
75.5
140
3
5.95
14.5
40.5
77
145
3.3
7.35
15.5
41.5
79
145
3.6
7.3
17.5
44
83
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com