Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC05RC17GRS/D Datasheet(PDF) 118 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 114Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 117Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 118Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 119Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 120Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 121Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC17 — Rev. 2.0
Electrical Specifications
12.10 Control Timing (2.2 Vdc)
12.11
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Assumes Use of 32.768-kHz Crystal Only
fOSC
32.768
32.768
kHz
Internal Operating Frequency
Assumes use of 32.768-kHz Crystal Only
fOP = fOSC ÷ 2 if PLL is NOT Driving Internal Bus
fOP = 32.768 kHz x N, where N = 16, 32, or 64 (Selectable)
and PLL is Driving Internal Bus
fOP
—
0.524
16.384
1.049
kHz
MHz
Cycle Time
Assumes fOP = 1.049 MHz
tCYC
1000
—
ns
Crystal Oscillator Startup Time
Assumes fOP = 1.049 MHz
tOXOV
—
200
ms
Stop Recovery Startup Time (Crystal Oscillator)
Assumes fOP = 1.049 MHz
tILCH
—
200
ms
RESET Pulse Width
Assumes fOP = 1.049 MHz
tRL
1.5
—
tCYC
Interrupt Pulse Width Low (Edge-Triggered)
Assumes fOP = 1.049 MHz
tILIH
250
—
ns
Interrupt Pulse Period
Assumes fOP = 1.049 MHz
tILIL
Note 2
—
tCYC
OSC1 Pulse Width
tOH, tOL
180
—
ns
NOTES:
1. VDD = 2.2 Vdc ± 10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2. The minimum period, tILIL, should not be less than the number of cycle times it takes to execute the interrupt service
routine plus 2T tCYC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com