Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC05RC17GRS/D Datasheet(PDF) 120 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 117Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 118Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 119Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 120Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 121Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 122Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 123Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC17 — Rev. 2.0
Electrical Specifications
Figure 12-3. 2.4-Volt Maximum Supply Current vs Internal Clock Frequency
Figure 12-4. Maximum Wait Mode Supply Current vs VDD with PLL Disengaged
0
0.2
0.4
0.6
0.8
1.0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
INTERNAL BUS FREQUENCY (MHz)
RUN
I DD
VDD = 2.4 V, TA = 0 °C to +70 °C
WAIT
IDD
STOP IDD (4 µA MAX)
NOTE: Current values represent the summation of VDD and VDDSYN currents.
2.4
3.6
5.5
60
50
40
30
20
10
0
VDD (V)
EXTERNAL FREQUENCY = 32.768 kHz, TA = 0 °C to +70 °C
NOTE: Current values represent summation of VDD and VDDSYN currents.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com