Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705C9AGRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 19Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 20Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 21Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 22Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 23Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 24Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 25Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 26Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
General Release Specification
Mask Options
MC68HC705C9A — Rev. 2.0
General Description
1.5.2 C12 Mask Option Register (C12MOR)
The C12MOR register, shown in Figure 1-3, controls the following
options:
•
Select between MC68HC05C9A/C12A configuration
•
Enable/disable stop mode (C12A mode only)
•
Enable/disable COP (C12A mode only)
•
Edge-triggered only or edge- and level-triggered external interrupt
pin (IRQ pin) (C12A mode only).
C12A — C12A/C9A Mode Select
This read/write bit selects between C12A configuration and C9A
configuration.
1 = Configured to emulate MC68HC05C12A
0 = Configured to emulate MC68HC05C9A
C12IRQ — C12A Interrupt Request
This read/write bit selects between an edge-triggered only or edge-
and level-triggered external interrupt pin. If configured in C9A mode,
this bit has no effect and will be forced to zero regardless of the
programmed state.
1 = Edge and level interrupt option selected
0 = Edge-only interrupt option selected
NOTE:
Any Port B pin configured for interrupt capability will follow the same
edge or edge/level trigger as the IRQ pin.
$3FF1
Bit 7
6
5
4
3
2
1
Bit 0
Read:
SEC
C12COPE STOPDIS
C12IRQ
C12A
= Unimplemented
Figure 1-3. Mask Option Register 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com