| Electronic Components Datasheet Search |
|
HC705C9AGRS/D Datasheet(PDF) 90 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 90 Page - NXP Semiconductors |
|
90 / 157 page ![]() General Release Specification Transmit Data Out (TDO) MC68HC705C9A — Rev. 2.0 Serial Communications Interface (SCI) 9.13 Transmit Data Out (TDO) Transmit data is the serial data from the internal data bus that is applied through the SCI to the output line. Data format is as discussed in 9.7 Data Format and shown in Figure 9-3. The transmitter generates a bit time by using a derivative of the RT clock, thus producing a transmission rate equal to 1/16th that of the receiver sample clock. 9.14 SCI I/O Registers The following I/O registers control and monitor SCI operation: • SCI data register (SCDR) • SCI control register 1 (SCCR1) • SCI control register 2 (SCCR2) • SCI status register (SCSR) 9.14.1 SCI Data Register (SCDR) The SCI data register, shown in Figure 9-8, is the buffer for characters received and for characters transmitted. 9.14.2 SCI Control Register 1 (SCCR1) The SCI control register 1, shown in Figure 9-9, has these functions: • Stores ninth SCI data bit received and ninth SCI data bit transmitted • Controls SCI character length • Controls SCI wakeup method $0011 Bit 7 6543 2 1 Bit 0 Read: BIT7 BIT6 BIT55 BIT4 BIT3 BIT2 BIT1 BIT0 Write: Reset: Unaffected by Reset Figure 9-8. SCI Data Register (SCDR) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |