| Electronic Components Datasheet Search |
|
HC705C9AGRS/D Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 157 page ![]() General Release Specification Introduction MC68HC705C9A — Rev. 2.0 Interrupts NOTE: The current instruction is the one already fetched and being operated on. When the current instruction is complete, the processor checks all pending hardware interrupts. If interrupts are not masked (CCR I bit clear) and if the corresponding interrupt enable bit is set, the processor proceeds with interrupt processing; otherwise, the next instruction is fetched and executed. If an external interrupt and a timer, SCI, or SPI interrupt are pending at the end of an instruction execution, the external interrupt is serviced first. The SWI is executed the same as any other instruction, regardless of the I-bit state. Table 4-1 shows the relative priority of all the possible interrupt sources. Figure 4-1 shows the interrupt processing flow. Table 4-1. Vector Addresses for Interrupts and Resets Function Source Local Mask Global Mask Priority (1 = Highest) Vector Address Reset Power-On-Reset None None 1 $3FFE–$3FFF RESET Pin COP Watchdog Software Interrupt (SWI) User Code None None Same Priority As Instruction $3FFC–$3FFD External Interrupt IRQ Pin Port B Pins None I Bit 2 $3FFA–$3FFB Timer Interrupts ICF Bit ICIE Bit I Bit 3 $3FF8–$3FF9 OCF Bit OCIE Bit TOF Bit TOIE Bit SCI Interrupts TDRE Bit TCIE Bit I Bit 4 $3FF6–$3FF7 TC Bit RDRF Bit RIE Bit OR BIt IDLE Bit ILIE Bit SPI Interrupts SPIF Bit SPIE I Bit 5 $3FF4–$3FF5 MODF Bit Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |