| Electronic Components Datasheet Search |
|
HC705C9AGRS/D Datasheet(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 52 Page - NXP Semiconductors |
|
52 / 157 page ![]() General Release Specification Power-On Reset (POR) MC68HC705C9A — Rev. 2.0 Resets Figure 5-1. Reset Sources 5.3 Power-On Reset (POR) A power-on-reset occurs when a positive transition is detected on VDD. The power-on reset is strictly for power turn-on conditions and should not be used to detect a drop in the power supply voltage. There is a 4064 internal processor clock cycle (tcyc) oscillator stabilization delay after the oscillator becomes active. (When configured as a C9A, the RESET pin will output a logic zero during the 4064-cycle delay.) If the RESET pin is low after the end of this 4064-cycle delay, the MCU will remain in the reset condition until RESET is driven high externally. 5.4 RESET Pin The function of the RESET pin is dependent on whether the device is configured as an MC68HC05C9A or an MC68HC05C12A. When it is in the MC68HC05C12A configuration, the pin is input only. When in MC68HC05C9A configuration the pin is bidirectional. In both cases the MCU is reset when a logic zero is applied to the RESET pin for a period of one and one-half machine cycles (t rl). For the MC68HC05C9A configuration, the RESET pin will be driven low by a COP, clock monitor, or power-on reset. VDD RESET RESET LATCH POWER-ON RESET D INTERNAL CLOCK R RST TO CPU AND SUBSYSTEMS Q STOP CLOCK MONITOR COP WATCHDOG Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |