| Electronic Components Datasheet Search |
|
HC705C9AGRS/D Datasheet(PDF) 93 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 93 Page - NXP Semiconductors |
|
93 / 157 page ![]() General Release Specification SCI I/O Registers MC68HC705C9A — Rev. 2.0 Serial Communications Interface (SCI) ILIE — Idle Line Interrupt Enable This read/write bit enables SCI interrupt requests when the IDLE bit becomes set. Resets clear the ILIE bit. 1 = IDLE interrupt requests enabled 0 = IDLE interrupt requests disabled TE — Transmitter Enable Setting this read/write bit begins the transmission by sending a preamble of 10 or 11 logic ones from the transmit shift register to the PD1/TDO pin. Resets clear the TE bit. 1 = Transmission enabled 0 = Transmission disabled RE — Receiver Enable Setting this read/write bit enables the receiver. Clearing the RE bit disables the receiver and receiver interrupts but does not affect the receiver interrupt flags. Resets clear the RE bit. 1 = Receiver enabled 0 = Receiver disabled RWU — Receiver Wakeup Enable This read/write bit puts the receiver in a standby state. Typically, data transmitted to the receiver clears the RWU bit and returns the receiver to normal operation. The WAKE bit in SCCR1 determines whether an idle input or an address mark brings the receiver out of standby state. Reset clears the RWU bit. 1 = Standby state 0 = Normal operation SBK — Send Break Setting this read/write bit continuously transmits break codes in the form of 10-bit or 11-bit groups of logic zeros. Clearing the SBK bit stops the break codes and transmits a logic one as a start bit. Reset clears the SBK bit. 1 = Break codes being transmitted 0 = No break codes being transmitted Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |