| Electronic Components Datasheet Search |
|
HC705C9AGRS/D Datasheet(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 47 Page - NXP Semiconductors |
|
47 / 157 page ![]() General Release Specification Non-Maskable Software Interrupt (SWI) MC68HC705C9A — Rev. 2.0 Interrupts 4.3 Non-Maskable Software Interrupt (SWI) The SWI is an executable instruction and a non-maskable interrupt: It is executed regardless of the state of the I bit in the CCR. If the I bit is zero (interrupts enabled), SWI executes after interrupts which were pending when the SWI was fetched, but before interrupts generated after the SWI was fetched. The interrupt service routine address is specified by the contents of memory locations $3FFC and $3FFD. 4.4 External Interrupt (IRQ or Port B) If the interrupt mask bit (I bit) of the CCR is set, all maskable interrupts (internal and external) are disabled. Clearing the I bit enables interrupts. The interrupt request is latched immediately following the falling edge of IRQ. It is then synchronized internally and serviced as specified by the contents of $3FFA and $3FFB. When any of the port B pullups are enabled, each pin becomes an additional external interrupt source which is executed identically to the IRQ pin. Port B interrupts follow the same edge/edge-level selection as the IRQ pin. The branch instructions BIL and BIH also respond to the port B interrupts in the same way as the IRQ pin. See 7.4 Port B. Either a level-sensitive and edge-sensitive trigger or an edge-sensitive-only trigger operation is selectable. In MC68HC05C9A mode, the sensitivity is software- controlled by the IRQ bit in the C9A option register ($3FDF). In the MC68HC05C12A mode, the sensitivity is determined by the C12IRQ bit in the C12 mask option register ($3FF1). NOTE: The internal interrupt latch is cleared in the first part of the interrupt service routine; therefore, one external interrupt pulse can be latched and serviced as soon as the I bit is cleared. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |