Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EC/D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EC/D Datasheet HTML 25Page - NXP Semiconductors MPC603EC/D Datasheet HTML 26Page - NXP Semiconductors MPC603EC/D Datasheet HTML 27Page - NXP Semiconductors MPC603EC/D Datasheet HTML 28Page - NXP Semiconductors MPC603EC/D Datasheet HTML 29Page - NXP Semiconductors MPC603EC/D Datasheet HTML 30Page - NXP Semiconductors MPC603EC/D Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
603 Hardware Specifications
27
Figure 16. Thermalloy #2328B Heat Sink-to-Ambient Thermal Resistance Versus Airflow Velocity
Assuming an air velocity of 0.5 m/s, we have an effective Rsa of 7 °C/W, thus
Tj = 30 °C + 5 °C + (2.2 °C/W +1.0 °C/W + 7 °C/W) * 3.0 W,
resulting in a die-junction temperature of approximately 66
°C which is well within the maximum operating
temperature of the component.
Other heat sinks offered by Chip Coolers, IERC, Thermalloy, Wakefield Engineering, and Aavid
Engineering offer different heat sink-to-ambient thermal resistances, and may or may not need air flow.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a common figure-
of-merit used for comparing the thermal performance of various microelectronic packaging technologies,
one should exercise caution when only using this metric in determining thermal management because no
single parameter can adequately describe three-dimensional heat flow. The final die-junction operating
temperature, is not only a function of the component-level thermal resistance, but the system-level design
and its operating conditions. In addition to the component's power consumption, a number of factors affect
the final operating die-junction temperature—airflow, board population (local heat flux of adjacent
components), heat sink efficiency, heat sink attach, heat sink placement, next-level interconnect technology,
system air temperature rise, altitude, etc.
Due to the complexity and the many variations of system-level boundary conditions for today's
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection and
conduction) may vary widely. For these reasons, we recommend using conjugate heat transfer models for
the board, as well as, system-level designs. To expedite system-level thermal analysis, several “compact”
thermal-package models are available within FLOTHERM®. These are available upon request.
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
2.5
3
3.5
Thermalloy #2328B Pin-fin Heat Sink
(25 x 28 x 15 mm)
Approach Airflow Velocity
(m/s)
Approach Airflow Velocity (m/s)
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com