Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EC/D Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EC/D Datasheet HTML 25Page - NXP Semiconductors MPC603EC/D Datasheet HTML 26Page - NXP Semiconductors MPC603EC/D Datasheet HTML 27Page - NXP Semiconductors MPC603EC/D Datasheet HTML 28Page - NXP Semiconductors MPC603EC/D Datasheet HTML 29Page - NXP Semiconductors MPC603EC/D Datasheet HTML 30Page - NXP Semiconductors MPC603EC/D Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
603 Hardware Specifications
During the card assembly process, no solvent can be used with the C4FP, and no more than 3 Kg of force
must be applied normal to the top of the package prior to, during, or after card assembly. Other details of
the card assembly process follow:
Solder paste
Either water soluble (for example, Alpha 1208) or no clean
Solder stencil thickness
0.152 mm
Solder stencil aperature
Width reduced to 0.03 mm from the board pad width
Placement tool
Panasonic MPA3 or equivalent
Solder reflow
Infrared, convection, or vapor phase
Solder reflow profile
Infrared and/or convection
• Average ramp-up—0.48 to 1.8
°C/second
• Time above 183
°C—45 to 145 seconds
• Minimum lead temperature—200
°C
• Maximum lead temperature—240
°C
• Maximum C4FP temperature—245
°C
Vapor phase
• Preheat (board)—60
°C to 150 °C
• Time above 183
°C—60 to 145 seconds
• Minimum lead temperature—200
°C
• Maximum C4FP temperature—220
°C
• Egress temperature—below 150
°C
Clean after reflow
De-ionized (D.I.) water if water-soluble paste is used
• Cleaner requirements—conveyorized, in-line
• Minimum of four washing chambers
— Pre-clean chamber: top and bottom sprays, minimum top-side
pressure of 25 psig, water temperature of 70
°C minimum, dwell
time of 24 seconds minimum, water is not re-used, water flow rate
of 30 liters/minute.
— Wash chamber #1: top and bottom sprays, minimum top-side
pressure of 48 psig, minimum bottom-side pressure of 44 psig,
water temperature of 62.5
°C (±2.5 °C), dwell time of 48 seconds
minimum, water flow rate of 350 liters/minute.
— Wash chamber #2: top and bottom sprays, minimum top-side
pressure of 32 psig, minimum bottom-side pressure of 28 psig,
water temperature of 72.5
°C (±2.5 °C), dwell time of 48 seconds
minimum, water flow rate of 325 liters/minute.
— Final rinse chamber: top and bottom sprays, minimum top-side
pressure of 25 psig, water temperature of 72.5
°C minimum, dwell
time of 24 seconds minimum, water flow rate of 30 liters/minute.
• No cleaning required if “no clean solder paste” is used
Touch-up and repair
Water soluble (for example, Kester 450) or No Clean Flux
C4FP removal
Hot air rework
C4FP replace
Hand solder
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com