Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EC/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EC/D Datasheet HTML 25Page - NXP Semiconductors MPC603EC/D Datasheet HTML 26Page - NXP Semiconductors MPC603EC/D Datasheet HTML 27Page - NXP Semiconductors MPC603EC/D Datasheet HTML 28Page - NXP Semiconductors MPC603EC/D Datasheet HTML 29Page - NXP Semiconductors MPC603EC/D Datasheet HTML 30Page - NXP Semiconductors MPC603EC/D Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28
603 Hardware Specifications
1.9 Ordering Information
This section provides the ordering information for the 603. Note that the individual part numbers correspond
to a specific combination of 603 internal/bus frequencies, which must be observed to ensure proper
operation of the device. For other frequency combinations, temperature ranges, power-supply tolerances
package types, etc., contact your local Motorola or IBM sales office.
1.9.1 Motorola Part Number Key
Figure 17 provides a detailed description of the Motorola part number for the 603.
Figure 17. Motorola Part Number Key
1.9.2 IBM Part Number Key
Figure 18 provides a detailed description of the IBM part number for the 603.
Figure 18. IBM Part Number Key
Table 12. Ordering Information for the PowerPC 603 Microprocessor
Package Type
Maximum
Internal
Frequency
Maximum
Bus
Frequency
Required
PLL_CFG[0–3]
Setting
Part Numbers
Motorola
IBM
Motorola
IBM
Wire-bond
CQFP
C4-CQFP
80 MHz
40 MHz
0100
MPC603AFE80CC
PPC603-FX-080-2
66.67 MHz
33.33 MHz
0100
MPC603AFE66CC
PPC603-FX-066-2
66.67 MHz
0000
MPC603AFE66AC
PPC603-FX-066-1
MPC 603 A FE XX X C
Product Code
Part Identifier
Part Modifier
Application Modifier
Processor Speed
Package
(A = Alpha—Original Design)
(FE = Wire-Bond CQFP)
(A = 1:1 Processor to Bus,
C = 2:1 Processor to Bus)
Revision Level
(Contact Motorola Sales Office)
(F = C4-CQFP)
Part Identifier
PPC 603 – F X– 0XX– X
Package
Revision Level
Bus Speed
Internal Speed
(Contact IBM Sales Office)
(1 = Internal Speed,
2 = Half Internal)
Product Code
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com