Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EC/D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EC/D Datasheet HTML 10Page - NXP Semiconductors MPC603EC/D Datasheet HTML 11Page - NXP Semiconductors MPC603EC/D Datasheet HTML 12Page - NXP Semiconductors MPC603EC/D Datasheet HTML 13Page - NXP Semiconductors MPC603EC/D Datasheet HTML 14Page - NXP Semiconductors MPC603EC/D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
603 Hardware Specifications
11
Figure 4 provides the output timing diagram for the 603.
Figure 4. Output Timing Diagram
1.4.3 JTAG AC Timing Specifications
Table 9 provides the JTAG AC timing specifications as defined in Figure 5 through Figure 8.
Table 9. JTAG AC Timing Specifications (Independent of SYSCLK)
Vdd = 3.3
± 5% V dc, GND = 0 V dc, C
L = 50 pF, 0 ≤ Tj ≤ 105 °C
Num
Characteristic
Min
Max
Unit
Notes
TCK frequency of operation
0
16
MHz
1
TCK cycle time
62.5
—
ns
2
TCK clock pulse width measured at 1.4 V
25
—
ns
3
TCK rise and fall times
0
3
ns
4
TRST setup time to TCK rising edge
13
—
ns
1
5
TRST assert time
40
—
ns
6
Boundary-scan input data setup time
6
—
ns
2
SYSCLK
12
14
13
15
16
16
TS
ARTRY
ABB, DBB
VM
VM
VM = Midpoint Voltage (1.4 V)
15
VM
13
20
18
17
21
19
ALL OUTPUTS
(Except TS, ABB,
DBB, ARTRY
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com