Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EC/D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EC/D Datasheet HTML 10Page - NXP Semiconductors MPC603EC/D Datasheet HTML 11Page - NXP Semiconductors MPC603EC/D Datasheet HTML 12Page - NXP Semiconductors MPC603EC/D Datasheet HTML 13Page - NXP Semiconductors MPC603EC/D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
603 Hardware Specifications
1.4.2.3 Output AC Specifications
Table 8 provides the output AC timing specifications for the 603 as defined in Figure 4.
Table 8. Output AC Timing Specifications1
Vdd = 3.3
± 5% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
66C
66A
80C
Unit
Notes
Min
Max
Min
Max
Min
Max
12
SYSCLK to output driven (output enable time)
1.0
—
1.0
—
1.0
—
ns
13a
SYSCLK to output valid (5.5 V to 0.8 V— TS,
ABB, ARTRY, DBB)
—
13.0
—
10.0
—
12.0
ns
4
13b
SYSCLK to output valid (TS, ABB, ARTRY, DBB)
—
12.0
—
9.0
—
11.0
ns
6
14a
SYSCLK to output valid (5.5 V to 0.8 V— all
except TS, ABB, ARTRY, DBB)
—
15.0
—
12.0
—
14.0
ns
4
14b
SYSCLK to output valid (all except TS, ABB,
ARTRY, DBB)
—
13.0
—
10.0
—
12.0
ns
6
15
SYSCLK to output invalid (output hold)
1.5
—
1.5
—
1.5
—
ns
3
16
SYSCLK to output high impedance (all except
ARTRY, ABB, DBB)
—
11.5
—
8.5
—
10.5
ns
17
SYSCLK to ABB, DBB, high impedance after
precharge
—
1.0
—
1.2
—
1.0
tsysclk
5,7
18
SYSCLK to ARTRY high impedance before
precharge
—
11.0
—
8.0
—
10.0
ns
19
SYSCLK to ARTRY precharge enable
0.2 *
tsysclk
+ 1.0
—
0.2 *
tsysclk
+ 1.0
—
0.2 *
tsysclk
+ 1.0
—
ns
3,5,8
20
Maximum delay to ARTRY precharge
—
1.0
—
1.2
—
1.0
tsysclk
5,8
21
SYSCLK to ARTRY high impedance after
precharge
—
2.0
—
2.25
—
2.0
tsysclk
5,8
Notes:
1. All output specifications are measured from the 1.4 V of the rising edge of SYSCLK to the TTL level (0.8 V or 2.0 V)
of the signal in question. Both input and output timings are measured at the pin
2. All maximum timing specifications assume CL = 50 pF.
3. This minimum parameter assumes CL = 0 pF.
4. SYSCLK to output valid (5.5 V to 0.8 V) includes the extra delay associated with discharging the external voltage
from 5.5 V to 0.8 V instead of from Vdd to 0.8 V (5 V CMOS levels instead of 3.3 V CMOS levels).
5. tsysclk is the period of the external bus clock (SYSCLK) in nanoseconds (ns). The numbers given in the table must be
multiplied by the period of SYSCLK to compute the actual time duration (in nanoseconds) of the parameter in
question.
6. Output signal transitions from GND to 2.0 V or Vdd to 0.8 V.
7. Nominal precharge width for ABB and DBB is 0.5 tsysclk.
8. Nominal precharge width for ARTRY is 1.0 tsysclk.
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com