Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EC/D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 3Page - NXP Semiconductors MPC603EC/D Datasheet HTML 4Page - NXP Semiconductors MPC603EC/D Datasheet HTML 5Page - NXP Semiconductors MPC603EC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EC/D Datasheet HTML 10Page - NXP Semiconductors MPC603EC/D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
603 Hardware Specifications
7
1.4.2 AC Electrical Characteristics
This section provides the AC electrical characteristics for the 603. After fabrication, parts are sorted by
maximum processor core frequency as shown in Section 1.4.2.1, “Clock AC Specifications” and tested for
conformance to the AC specifications for that frequency. The processor core frequency is determined by the
bus (SYSCLK) frequency and the settings of the PLL_CFG[0–3] signals. PLL_CFG signals should be set
prior to power up and not altered afterwards. These specifications are for 66 MHz core frequency with
33 MHz bus (66C—2:1 bus mode), 66 MHz bus (66A—1:1 bus mode), and 80 MHz core frequency with
40 MHz bus (80C—2:1 bus mode). Parts are sold by maximum processor core frequency and bus mode; see
Section 1.9, “Ordering Information.”
1.4.2.1 Clock AC Specifications
Table 6 provides the clock AC timing specifications as defined in Figure 1.
Table 6. Clock AC Timing Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
66C
66A
80C
Unit
Notes
Min
Max
Min
Max
Min
Max
Processor frequency
16.67
66.0
16.67
66.0
16.67
80.0
MHz
1
VCO frequency
120
240
120
240
120
240
MHz
SYSCLK (bus) frequency
16.67
33.0
16.67
66.0
16.67
40.0
MHz
1
SYSCLK cycle time
40.0
60.0
30.0
60.0
25.0
60.0
ns
2,3
SYSCLK rise and fall time
—
2.0
—
2.0
—
2.0
ns
2
4
SYSCLK duty cycle measured at 1.4 V
40.0
60.0
40.0
60.0
40.0
60.0
%
3
SYSCLK jitter
—
±150
—
±150
—
±150
ps
4
603 internal PLL-relock time
—
100
—
100
—
100
µs
3, 5
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0–3] settings must be chosen such that the resulting
SYSCLK (bus) frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective
maximum or minimum operating frequencies. Refer to the PLL_CFG[0–3] signal description in Section 1.8,
“System Design Information,” for valid PLL_CFG[0–3] settings, and to Section 1.9, “Ordering Information,” for
available frequencies and part numbers.
2. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
3. Timing is guaranteed by design and characterization, and is not tested.
4. The total input jitter (short term and long term combined) must be under
±150 ps.
5. Relock timing is guaranteed by design and characterization, and is not tested. PLL-relock time is the
maximum amount of time required for PLL lock after a stable Vdd and SYSCLK are reached during the
power-on reset sequence. This specification also applies when the PLL has been disabled and
subsequently re-enabled during sleep mode. Also note that HRESET must be held asserted for a minimum
of 255 bus clocks after the PLL-relock time (100
µs) during the power-on reset sequence.
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com