Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 28Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 29Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 30Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 31Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 32Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 33Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 34Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 35Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
8.6.8 Overvoltage protection (DRAINPFC pin)
To prevent output overvoltage of the PFC due to a disturbed SNSBOOST pin, an
additional PFC output overvoltage protection is available. This overvoltage protection is
measured via the DRAINPFC pin.
To avoid false triggering, measuring the DRAINPFC is blanked for tleb(OVP)PFC after the
PFC MOSFET is switched off.
The DRAINPFC overvoltage protection level and the delay before it enters the protection
state can be set with parameters.
The DRAINPFC overvoltage protection can be a latched, a safe restart, or a latched after
safe restart protection.
8.6.9 Overcurrent protection, inrush protection (SNSCURPFC pin)
The PFC current is measured via an external sense resistor (RSENSE) connected to
the SNSCURPFC pin (see Figure 29). If the voltage drops to below Vocp(PFC), the PFC
MOSFET is turned off. It resumes switching at the next cycle, under the condition that the
voltage at the SNSCURPFC is above the Vocp(PFC) level. Otherwise, it remains off until
this requirement is fulfilled. It avoids that the PFC MOSFET is turned on during an inrush.
To ensure that the OCP level is not exceeded due to disturbance caused by a turn-on of
the PFC MOSFET, the OCP level is filtered via an internal 1 MHz filter.
8.6.10 PFC coil short protection (SNSCURPFC pin)
If the PFC coil is shorted, the overcurrent protection is triggered continuously. To avoid
overheating, the system enters the protection state when the OCP is continuously
triggered for a selectable number of switching cycles. The PFC and LLC converters stop
switching and a restart follows.
8.6.11 Undervoltage protection SUPHS
To ensure a minimum drive voltage at the high-side driver output (GATEHS), this driver is
turned off when its voltage is below the minimum level (VSUPHS < Vrst(SUPHS)).
8.6.12 Undervoltage protection boost
The PFC output voltage is measured via a resistive divider connected to the
SNSBOOST pin. The voltage at the SNSBOOST pin must exceed the start level
(VSNSBOOST > Vstart(SNSBOOST)) before the LLC converter is allowed to start switching.
When the system is operating and the voltage at the SNSBOOST pin drops to below the
minimum level (VSNSBOOST < Vuvp(SNSBOOST)), the LLC converter stops switching. When it
exceeds the start level, it restarts.
8.6.13 Overvoltage protection (SUPIC pin)
When the voltage at the SUPIC pin exceeds the VO(ovp)SUPIC level for td(ovp)SUPIC, the
OVP protection is triggered. The voltage at the SUPIC pin is continuously monitored via
an internal A/D converter.
The OVP protection level and the OVP delay time can be selected with a parameter.
The OVP function can also be disabled.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
32 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com