Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 53Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 54Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 55Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 56Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 57Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 58Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 59Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 60Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
Tamb = 25 °C; VSUPIC = 19.5 V; all voltages are measured with respect to GND; currents are positive when flowing into the
IC; unless otherwise specified.
Expected values for different MTP settings (min/typ/max) are provided in the documentation in the Ringo software.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fsw = 100 kHz;
Iload = 0;
VSUPIC ≥ 14.5 V
[1] 11.5
12.3
13.1
V
VOH(GATELS)
HIGH-level output voltage on
pin GATELS
fsw = 100 kHz;
Iload = 0;
VSUPIC = 9.5 V
[1] 9.45
9.5
9.55
V
VOL(GATELS)
LOW-level output voltage on
pin GATELS
IGATELS = 40 mA;
VSUPIC ≥ 14.5 V
0.10
0.17
0.24
V
tr(GATELS)
rise time on pin GATELS
1 V to 9 V;
VSUPIC = 13 V;
1 nF load
[1] 10
15
20
ns
tf(GATELS)
fall time on pin GATELS
9 V to 1 V;
VSUPIC = 13 V;
1 nF load
[1] 10
15
20
ns
GATEHS pin
Isource(peak)
source peak current
Cload = 4.7 nF;
VSUPHS − VHB = 12 V
[1] −0.8
−0.6
−0.4
A
Isink(peak)
sink peak current
Cload = 4.7 nF;
VSUPHS − VHB = 12 V
[1] 0.8
1.1
1.4
A
ROH(GATEHS)
HIGH-level output resistance
on pin GATEHS
IGATEHS = −30 mA;
VSUPHS − VHB = 12 V
6
10
14
Ω
ROL(GATEHS)
LOW-level output resistance
on pin GATEHS
IGATEHS = 30 mA;
VSUPHS − VHB = 12 V
3
5
7
Ω
VOH(GATEHS)
HIGH-level output voltage on
pin GATEHS
fsw = 100 kHz;
Iload = 0;
VSUPHS − VHB = 12 V
[1] 11.5
12
12.5
V
VOL(GATEHS)
LOW-level output voltage on
pin GATEHS
IGATEHS = 40 mA;
VSUPHS − VHB = 12 V
0.1
0.2
0.3
V
tr(GATEHS)
rise time on pin GATEHS
1 V to 9 V;
VSUPHS − VHB = 11 V;
1 nF load
[1] 15
25
35
ns
tf(GATEHS)
fall time on pin GATEHS
9 V to 1 V;
VSUPHS − VHB = 11 V;
1 nF load
[1] 10
15
20
ns
SUPHS pin
Vrst(SUPHS)
reset voltage on pin SUPHS
+25 °C < T < 125 °C
5.5
7.2
8.2
V
System protection
td(restart)
restart delay time
0.9
1.0
1.1
s
td(flr)
fast latch reset delay time
45
50
55
ms
I2C communication
VIL
LOW-level input voltage
0
-
0.8
V
Table 7. Characteristics...continued
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
57 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com