Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 32Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 33Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 34Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 35Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 36Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 37Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 38Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 39Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
8.6.18 Latched, safe restart, or latched after safe restart
When a protection is selected to be latched, the system stops switching when
this protection is triggered. The system only restarts after a fast latch reset
(see Section 8.6.19) or when the SUPIC supply voltage drops below the UVP level.
When a protection is selected to be safe restart, the system continuously restarts after a
predefined safe restart time. This safe restart time is the same for all protection functions.
It can be set with a parameter.
When selecting “latched after safe restart”, a protection is initially a safe restart
protection. If the failure occurs again within a specific time, it latches eventually.
aaa-038667
1
3
2
0
1
3
4
latched
protection
latched after saferestart
OVP
restart counter
2
0
65 sec
Figure 27. Latched after safe restart
Figure 27 shows an example of when the OVP is set to latched after safe restart. Initially
at an OVP, the system restarts after the safe restart time. An internal counter is then set
to ‘1’. If the protection is triggered again, the counter is increased. If the counter reaches
the number as set with a parameter, the system latches. If no protection is triggered
within 65 seconds, the counter is reset.
8.6.19 Fast latch reset
If a protection is triggered, the system enters the protection state. Especially when the
protection is latched, this function is inconvenient during production tests. So, when the
mains voltage is below the brownout level for a specified time, the system also restarts.
This time can be set with a parameter. This function is called fast latch reset.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
36 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com