Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 37Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 38Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 39Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 40Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 41Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 42Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 43Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 44Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
Minimum non-overlap time
To ensure that the GATEHS is properly turned off before the GATELS is turned on, and
vice versa, there is a minimum non-overlap time. For the minimum non-overlap time, the
following values can be selected: 100 ns, 230 ns, 350 ns, 500 ns.
Maximum non-overlap time
When the system does not detect a valley at the HB node after turning off GATEHS, the
system turns on the GATELS after the maximum non-overlap time. The same counts
when a peak at the HB node is not detected after turning off the GATELS and turning on
the GATEHS. For the maximum non-overlap time, the following values can be selected:
0.5 μs, 0.7 μs, 0.9 μs, or 1.1 μs.
Maximum on-time
When the on-time of the GATELS or GATEHS exceeds the maximum on-time, the switch
is turned off and the LLC converter starts the next cycle. For the maximum on-time, the
following values can be selected: 10 μs, 20 μs, 30 μs, or 38 μs.
Capacitive mode regulation
When the voltage at the SNSCURLLC pin, which reflects the resonant current, drops
to below a predefined value, the LLC converter starts the next switching cycle. In this
way, the TEA2017ABT avoids that the converter operates in capacitive mode. For the
capacitive mode regulation, the following values can be selected: 20 mV to 160 mV in
steps of 20 mV.
LLC maximum ringing time
When the LLC operates in LP mode, it counts the amount of ringings. If a ringing is not
detected, it assumes a peak after the timeout. This timeout can be set to 3 μs, 5 μs,
7.5 μs, or 10 μs. The appropriate value depends on the application. It must be chosen
just above the maximum ringing period.
8.8.3.4 Feedback
Optocoupler current
To achieve a low no-load input power, the current through the optocoupler must be set
at a low level. However, depending on the selected optocoupler, a higher optocoupler
current may be requested. So, the optocoupler current can be set to different values
ranging from 80 μA to 1.2 mA.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
41 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com