Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 47Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 48Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 49Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 50Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 51Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 52Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 53Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 54Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
11 Characteristics
Tamb = 25 °C; VSUPIC = 19.5 V; all voltages are measured with respect to GND; currents are positive when flowing into the
IC; unless otherwise specified.
Expected values for different MTP settings (min/typ/max) are provided in the documentation in the Ringo software.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DRAINPFC pin
Ioff(DRAINPFC)
off-state current on pin DRA
INPFC
VDRAINPFC = 400 V;
VSUPIC = 19 V
2
5
8
μA
VDRAINPFC
voltage on pin DRAINPFC
VSUPIC = 19 V;
IDRAINPFC = 3 mA
22
26
30
V
Ich(SUPIC)
charge current on pin SUPIC
VDRAINPFC = 50 V;
VSUPIC = 19 V
−10
−6.5
−3
mA
SUPIC pin
Vstart(SUPIC)
start voltage on pin SUPIC
18.2
19.0
19.7
V
Vstart(hys)SUPIC
start voltage hysteresis on pin
SUPIC
−0.9
−0.7
−0.5
V
Vlow(hys)SUPIC
low voltage hysteresis on pin
SUPIC
0.5
0.7
0.9
V
Vlow(SUPIC)
low voltage on pin SUPIC
11.5
12.0
12.5
V
Vuvp(SUPIC)
undervoltage protection
voltage on pin SUPIC
9.6
10.0
10.4
V
Δ(vlow-vuvp)SUPIC
low voltage to undervoltage
protection voltage difference
on pin SUPIC
Vlow − Vuvp
1.7
2.0
2.3
V
Vrst(SUPIC)
reset voltage on pin SUPIC
8.6
9.0
9.4
V
non-operating mode;
Isnsfb = −100 μA;
Isnscap = −100 μA
[1] 700
890
1100
μA
ICC(SUPIC)
supply current on pin SUPIC
operating mode;
fHB = 100 kHz;
Isnsfb = −80 μA;
Isnscap = −100 μA;
driver pins open
[1] 6
8
10
mA
Output overvoltage protection
VO(ovp)SUPIC
output overvoltage protection
voltage on pin SUPIC
27.9
28.7
29.5
V
td(ovp)SUPIC
overvoltage protection delay
time on pin SUPIC
45
50
55
μs
Mains voltage sensing (SNSMAINS pin)
Iclamp(max)
maximum clamp current
VSNSMAINS = 9.5 V
2.5
3.5
4.5
mA
II(lim)SNSMAINS
limiting input current on pin
SNSMAINS
SNSMAINS limit-measuring
input current
17.2
18.6
20.0
μA
Ibi
brownin current
5.3
5.5
5.7
μA
Table 7. Characteristics
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
51 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com