Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 45Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 46Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 47Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 48Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 49Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 50Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 51Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 52Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
9 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VDRAINPFC
voltage on pin
DRAINPFC
during mains
surge t < 0.5 s;
10 times at a
0.1 Hz interval
−0.4
+685
V
SRDRAINPFC
slew rate on pin
DRAINPFC
−50
+50
V/ns
VSUPIC
voltage on pin
SUPIC
−0.4
+36
V
during mains
surge t < 0.5 s;
10 times at a
0.1 Hz interval
−0.3
+685
V
VSUPHS
voltage on pin
SUPHS
regarding pin HB
−0.4
+13
V
VGATEHS
voltage on pin
GATEHS
VHB − 0.4 VSUPHS + 0.4
V
during mains
surge;
t < 0.5 s;
10 times at a
0.1 Hz interval
−0.3
+685
V
VHB
voltage on pin HB
t < 1 μs
−13
-
V
SRHB
slew rate on pin
HB
−70
+70
V/ns
VGATELS
voltage on pin
GATELS
[1] −0.4
+14
V
VGATEPFC
voltage on pin
GATEPFC
[1] −0.4
+14
V
VSNSCAP
voltage on pin
SNSCAP
−0.4
+12
V
VSNSCURLLC
voltage on pin
SNSCURLLC
−0.4
+12
V
t < 0.1 s;
voltage at
external series
resistance of
100 Ω, connected
to pin
SNSCURPFC
−18
+12
V
VSNSCURPFC
voltage on pin
SNSCURPFC
DC;
maximum
−0.4
+12
V
VSNSFB
voltage on pin
SNSFB
−0.4
+12
V
Table 5. Limiting values
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
49 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com