Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA2017ABT/2 Datasheet HTML 1Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 2Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 3Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 4Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 5Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 6Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 7Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 8Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
6 Block diagram
aaa-034244
DIGITAL CORE AND CONTROL
475 V
I
LLC DRIVERS
SWITCHING CONTROL
LLC CURRENT SENSE
OPERATION MODE
Vls(SNSCAP)
Vhs(SNSCAP)
FEEDBACK CONTROL
LS
Vprot(ovp)PFC
DRAINPFC
SUPIC
GATEHS
GATELS
SNSCAP
SNSCURLLC
SNSFB
SNSMAINS
GATEPFC
SNSCURPFC
SNSBOOST
HB
start-up
Valleydet
GATEHS
GATELS
Xcap
discharge
VALLEYDET
caph
capl
SUPHS
D/A
A/D
s q
r
12 kΩ
VPOWERGOOD
Vdet(SNSCURPFC)
0.96 V
1.2 V
2.4 V
Plowpwr
OTP
A/D
P
HB peak/valley
D/A
VALLEY /
PEAK
DETECT
+/-
+/-
= 1.5 V
= 0.1 V
GND
-10 mV
OCP
-0.3 V
demag
open pin
GATEPFC
disable
0.39 V
VSNSBOOST
PFCOVP
2.63 V
A/D
IPFC
1
:
1
# BURST
CYCLES
12 kΩ
6 kΩ
12 kΩ
brownin/brownout
Vmains
3 V
INTC
5 V
IBI/BO
Figure 1. Block diagram
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
4 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com