| Electronic Components Datasheet Search |
|
PIC18F6410E/PTSQTP Datasheet(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6410E/PTSQTP Datasheet(HTML) 129 Page - Microchip Technology |
|
129 / 404 page ![]() 2004 Microchip Technology Inc. Preliminary DS39635A-page 127 PIC18F6310/6410/8310/8410 TABLE 10-7: PORTD FUNCTIONS Pin Name Function TRIS Setting I/O I/O Type Description RD0/AD0/PSP0 RD0 0 O DIG LATD<0> data output. 1 I ST PORTD<0> data input. AD0(2) x O DIG External memory interface, address/data bit 0 output(1). x I TTL External memory interface, data bit 0 input(1). PSP0 x O DIG PSP read data output (LATD<0>); takes priority over port data. x I TTL PSP write data input. RD1/AD1/PSP1 RD1 0 O DIG LATD<1> data output. 1 I ST PORTD<1> data input. AD1(2) x O DIG External memory interface, address/data bit 1 output(1). x I TTL External memory interface, data bit 1 input(1). PSP1 x O DIG PSP read data output (LATD<1>); takes priority over port data. x I TTL PSP write data input. RD2/AD2/PSP2 RD2 0 O DIG LATD<2> data output. 1 I ST PORTD<2> data input. AD2(2) x O DIG External memory interface, address/data bit 2 output(1). x I TTL External memory interface, data bit 2 input(1). PSP2 x O DIG PSP read data output (LATD<2>); takes priority over port data. x I TTL PSP write data input. RD3/AD3/PSP3 RD3 0 O DIG LATD<3> data output. 1 I ST PORTD<3> data input. AD3(2) x O DIG External memory interface, address/data bit 3 output(1). x I TTL External memory interface, data bit 3 input(1). PSP3 x O DIG PSP read data output (LATD<3>); takes priority over port data. x I TTL PSP write data input. RD4/AD4/PSP4 RD4 0 O DIG LATD<4> data output. 1 I ST PORTD<4> data input. AD4(2) x O DIG External memory interface, address/data bit 4 output(1). x I TTL External memory interface, data bit 4 input(1). PSP4 x O DIG PSP read data output (LATD<4>); takes priority over port data. x I TTL PSP write data input. RD5/AD5/PSP5 RD5 0 O DIG LATD<5> data output. 1 I ST PORTD<5> data input. AD5(2) x O DIG External memory interface, address/data bit 5 output(1). x I TTL External memory interface, data bit 5 input(1). PSP5 x O DIG PSP read data output (LATD<5>); takes priority over port data. x I TTL PSP write data input. RD6/AD6/PSP6 RD6 0 O DIG LATD<6> data output. 1 I ST PORTD<6> data input. AD6(2) x O DIG-3 External memory interface, address/data bit 6 output(1). x I TTL External memory interface, data bit 6 input(1). PSP6 x O DIG PSP read data output (LATD<6>); takes priority over port data. x I TTL PSP write data input. Legend: PWR = Power Supply, O = Output, I = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input, TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option). Note 1: External memory interface I/O takes priority over all other digital and PSP I/O. 2: Implemented on 80-pin devices only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |