Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 128Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 129Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 130Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 131Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 132Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 133Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 134Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 135Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 130
Preliminary
 2004 Microchip Technology Inc.
TABLE 10-9:
PORTE FUNCTIONS
Pin Name
Function
TRIS
Setting
I/O
I/O
Type
Description
RE0/AD8/RD
RE0
0
O
DIG
LATE<0> data output.
1
I
ST
PORTE<0> data input.
AD8(3)
x
O
DIG
External memory interface, address/data bit 8 output(2).
x
I
TTL
External memory interface, data bit 8 input(2).
RD
1
I
TTL
Parallel Slave Port read enable control input.
RE1/AD9/WR
RE1
0
O
DIG
LATE<1> data output.
1
I
ST
PORTE<1> data input.
AD9(3)
x
O
DIG
External memory interface, address/data bit 9 output(2).
x
I
TTL
External memory interface, data bit 9 input(2).
WR
1
I
TTL
Parallel Slave Port write enable control input.
RE2/AD10/CS
RE2
0
O
DIG
LATE<2> data output.
1
I
ST
PORTE<2> data input.
AD10(3)
x
O
DIG
External memory interface, address/data bit 10 output(2).
x
I
TTL
External memory interface, data bit 10 input(2).
CS
1
I
TTL
Parallel Slave Port chip select control input.
RE3/AD11
RE3
0
O
DIG
LATE<3> data output.
1
I
ST
PORTE<3> data input.
AD11(3)
x
O
DIG
External memory interface, address/data bit 11 output(2).
x
I
TTL
External memory interface, data bit 11 input(2).
RE4/AD12
RE4
0
O
DIG
LATE<4> data output.
1
I
ST
PORTE<4> data input.
AD12(3)
x
O
DIG
External memory interface, address/data bit 12 output(2).
x
I
TTL
External memory interface, data bit 12 input(2).
RE5/AD13
RE5
0
O
DIG
LATE<5> data output.
1
I
ST
PORTE<5> data input.
AD13(3)
x
O
DIG
External memory interface, address/data bit 13 output(2).
x
I
TTL
External memory interface, data bit 13 input(2).
RE6/AD14
RE6
0
O
DIG
LATE<6> data output.
1
I
ST
PORTE<6> data input.
AD14(3)
x
O
DIG
External memory interface, address/data bit 14 output(2).
x
I
TTL
External memory interface, data bit 14 input(2).
RE7/CCP2/AD15
RE7
0
O
DIG
LATE<7> data output.
1
I
ST
PORTE<7> data input.
CCP2(1)
0
O
DIG
CCP2 compare output and CCP2 PWM output; takes priority over port
data.
1
I
ST
CCP2 capture input.
AD15(3)
x
O
DIG
External memory interface, address/data bit 15 output(2).
x
I
TTL
External memory interface, data bit 15 input(2).
Legend:
PWR = Power Supply, O = Output, I = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
Alternate assignment for CCP2 when CCP2MX configuration bit is cleared (all devices in Microcontroller mode).
2:
External memory interface I/O takes priority over all other digital and PSP I/O.
3:
Implemented on 80-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com