Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 132Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 133Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 134Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 135Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 136Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 137Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 138Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 139Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 134
Preliminary
 2004 Microchip Technology Inc.
10.7
PORTG, TRISG and
LATG Registers
PORTG is a 6-bit wide, bidirectional port. The corre-
sponding data direction register is TRISG. Setting a
TRISG bit (= 1) will make the corresponding PORTG
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISG bit (= 0)
will make the corresponding PORTG pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATG) is also memory
mapped. Read-modify-write operations on the LATG
register, read and write the latched output value for
PORTG.
PORTG
is
multiplexed
with
USART
functions
(Table 10-13). PORTG pins have Schmitt Trigger input
buffers.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTG pin. Some
peripherals override the TRIS bit to make a pin an
output, while other peripherals override the TRIS bit to
make a pin an input. The user should refer to the
corresponding peripheral section for the correct TRIS
bit settings. The pin override value is not loaded into
the TRIS register. This allows read-modify-write of the
TRIS register without concern due to peripheral
overrides.
The sixth pin of PORTG (RG5/MCLR/VPP) is an input
only pin. Its operation is controlled by the MCLRE
configuration bit. When selected as a port pin
(MCLRE = 0), it functions as a digital input only pin; as
such, it does not have TRIS or LAT bits associated with
its operation. Otherwise, it functions as the device’s
Master Clear input. In either configuration, RG5 also
functions as the programming voltage input during
programming.
EXAMPLE 10-7:
INITIALIZING PORTG
Note:
On a Power-on Reset, RG5 is enabled as
a digital input only if Master Clear
functionality is disabled. All other 5 pins
are configured as digital inputs.
CLRF
PORTG
; Initialize PORTG by
; clearing output
; data latches
CLRF
LATG
; Alternate method
; to clear output
; data latches
MOVLW
0x04
; Value used to
; initialize data
; direction
MOVWF
TRISG
; Set RG1:RG0 as outputs
; RG2 as input
; RG4:RG3 as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com