Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 130Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 131Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 132Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 133Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 134Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 135Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 136Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 137Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 132
Preliminary
 2004 Microchip Technology Inc.
10.6
PORTF, LATF and TRISF Registers
PORTF is an 8-bit wide, bidirectional port. The corre-
sponding data direction register is TRISF. Setting a
TRISF bit (= 1) will make the corresponding PORTF pin
an input (i.e., put the corresponding output driver in a
high-impedance mode). Clearing a TRISF bit (= 0) will
make the corresponding PORTF pin an output (i.e., put
the contents of the output latch on the selected pin).
The Data Latch register (LATF) is also memory
mapped. Read-modify-write operations on the LATF
register read and write the latched output value for
PORTF.
All pins on PORTF are implemented with Schmitt
Trigger
input
buffers.
Each
pin
is
individually
configurable as an input or output.
PORTF is multiplexed with several analog peripheral
functions, including the A/D converter and comparator
inputs, as well as the comparator outputs. Pins RF2
through RF6 may be used as comparator inputs or
outputs by setting the appropriate bits in the CMCON
register. To use RF3:RF6 as digital inputs, it is also
necessary to turn off the comparators.
EXAMPLE 10-6:
INITIALIZING PORTF
Note:
On a Power-on Reset, RA5 and RA3:RA0
are configured as analog inputs and read
as ‘0’. RA4 is configured as a digital input.
Note 1: On a Power-on Reset, the RF6:RF0 pins
are configured as inputs and read as ‘0’.
2: To configure PORTF as digital I/O, turn off
comparators and set ADCON1 value.
CLRF
PORTF
; Initialize PORTF by
; clearing output
; data latches
CLRF
LATF
; Alternate method
; to clear output
; data latches
MOVLW
0x07
;
MOVWF
CMCON
; Turn off comparators
MOVLW
0x0F
;
MOVWF
ADCON1
; Set PORTF as digital I/O
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISF
; Set RF3:RF0 as inputs
; RF5:RF4 as outputs
; RF7:RF6 as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com