| Electronic Components Datasheet Search |
|
PIC18F6410E/PTSQTP Datasheet(PDF) 142 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6410E/PTSQTP Datasheet(HTML) 142 Page - Microchip Technology |
|
142 / 404 page ![]() PIC18F6310/6410/8310/8410 DS39635A-page 140 Preliminary 2004 Microchip Technology Inc. 10.10 Parallel Slave Port PORTD can also function as an 8-bit wide Parallel Slave Port, or microprocessor port, when control bit PSPMODE (PSPCON<4>) is set. It is asynchronously readable and writable by the external world through RD control input pin, RE0/RD and WR control input pin, RE1/WR. The PSP can directly interface to an 8-bit micro- processor data bus. The external microprocessor can read or write the PORTD latch as an 8-bit latch. Setting bit PSPMODE enables port pin RE0/RD to be the RD input, RE1/WR to be the WR input and RE2/CS to be the CS (Chip Select) input. For this functionality, the corresponding data direction bits of the TRISE register (TRISE<2:0>) must be configured as inputs (set). A write to the PSP occurs when both the CS and WR lines are first detected low and ends when either are detected high. The PSPIF and IBF flag bits are both set when the write ends. A read from the PSP occurs when both the CS and RD lines are first detected low. The data in PORTD is read out and the OBF bit is set. If the user writes new data to PORTD to set OBF, the data is immediately read out; however, the OBF bit is not set. When either the CS or RD lines are detected high, the PORTD pins return to the input state and the PSPIF bit is set. User applications should wait for PSPIF to be set before servicing the PSP; when this happens, the IBF and OBF bits can be polled and the appropriate action taken. The timing for the control signals in Write and Read modes is shown in Figure 10-3 and Figure 10-4, respectively. FIGURE 10-2: PORTD AND PORTE BLOCK DIAGRAM (PARALLEL SLAVE PORT) Note: For PIC18F8310/8410 devices, the Parallel Slave Port is available only in Microcontroller mode. Data Bus WR LATD RDx Q D CK EN QD EN RD PORTD pin One bit of PORTD Set Interrupt Flag PSPIF (PIR1<7>) Read Chip Select Write RD CS WR Note: I/O pin has protection diodes to VDD and VSS. TTL TTL TTL TTL or PORTD RD LATD Data Latch TRIS Latch |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |