Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 106 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 106 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 102Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 103Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 104Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 105Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 106Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 107Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 108Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 109Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 110Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 216 page
background image
104
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
The following conditions cause the RDY output to be low: during the initial access (in burst mode),
and at the boundary crossing, that occurs every 512 words beginning with address 1FFh.
18.5 Handshaking
The device is equipped with a handshaking feature that allows the host system to simply monitor
the RDY signal from the device to determine when the burst data is ready to be read. The host
system should use the programmable wait state configuration to set the number of wait states
for optimal burst mode operation. The initial word of burst data is indicated by the rising edge of
RDY after OE# goes low.
For optimal burst mode performance, the host system must set the appropriate number of wait
states in the flash device depending on clock frequency. See Set Configuration Register Command
Sequence and Requirements for Synchronous (Burst) Read Operation for more information.
18.6 Writing Commands/Command Sequences
The device has the capability of performing an asynchronous or synchronous write operation.
While the device is configured in Asynchronous read it is able to perform Asynchronous write op-
erations only. CLK is ignored when the device is configured in the Asynchronous mode. When in
the Synchronous read mode configuration, the device is able to perform both Asynchronous and
Synchronous write operations. CLK and AVD# address latch is supported in the Synchronous pro-
gramming mode. During a synchronous write operation, to write a command or command
sequence (which includes programming data to the device and erasing sectors of memory), the
system must drive AVD# and CE# to VIL, and OE# to VIH when providing an address to the de-
vice, and drive WE# and CE# to VIL, and OE# to VIH. when writing commands or data. During an
asynchronous write operation, the system must drive CE# and WE# to VIL and OE# to VIH when
providing an address, command, and data. Addresses are latched on the last falling edge of WE#
or CE#, while data is latched on the 1st rising edge of WE# or CE# (see ).
The device features an Unlock Bypass mode to facilitate faster programming. Once the device en-
ters the Unlock Bypass mode, only two write cycles are required to program a word, instead of
four.
An erase operation can erase one sector, multiple sectors or the entire device. Table 19.6 indicates
the address space that each sector occupies. A sector address is the address bits required to
uniquely select a sector.
ICC2 in the DC Characteristics section represents the active current specification for the write
mode. The AC Characteristics section contains timing specification tables and timing diagrams for
write operations.
18.7 Accelerated Program/Chip Erase Operations
The device offers accelerated program and accelerated chip erase operations through the ACC
functionACC is intended to allow faster manufacturing throughput at the factory and not to be
used in system operations.
The system can use the Write Buffer Load command sequence. Note that if a Write-to-Buffer-
Abort Reset is required, the full 3-cycle RESET command sequence must be used to reset
the device. Removing VHH from the ACC input, upon completion of the embedded program or
erase operation, returns the device to normal operation. Note that sectors must be unlocked prior
to raising ACC to VHH. When at VIL, ACC locks all sectors. ACC should be at VIH for all other
conditions.
number loaded = the number of locations to program minus 1. For example, if the system will
program 6 address locations, then 05h should be written to the device.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com