| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 109 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 109 Page - SPANSION |
|
109 / 216 page ![]() February 17, 2005 S75WS-N-00_00_A0 S75WS256Nxx Based MCPs 107 Data Sheet Refer to the Synchronous/Burst Read section for RESET# parameters and to Figure 25.9 for the timing diagram. 18.12 Output Disable Mode When the OE# input is at VIH, output from the device is disabled. The outputs are placed in the high impedance state. 18.13 Hardware Data Protection The following hardware data protection measures prevent accidental erasure or programming, which might otherwise be caused by spurious system level signals during VCC power-up and power-down transitions, or from system noise. 18.13.1 Low VCC Write Inhibit When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC power-up and power-down. The command register and all internal program/erase circuits are disabled, and the device resets to reading array data. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the proper signals to the control inputs to prevent unintentional writes when VCC is greater than VLKO. 18.13.2 Write Pulse Glitch Protection Noise pulses do not initiate a write cycle. 18.13.3 Logical Inhibit Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle, CE# and WE# must be a logical zero while OE# is a logical one. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |