Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMB Datasheet(PDF) 130 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 130 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 126Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 127Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 128Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 129Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 130Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 131Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 132Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 133Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 134Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 216 page
background image
128
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
25 AC Characteristics
25.1 VCC Power-up
Notes:
1. VCC >= VIO - 100mV and VCC ramp rate is > 1V / 100µs
2. VCC ramp rate <1V / 100µs, a Hardware Reset will be required.
Figure 25.1 VCC Power-up Diagram
25.2 CLK Characterization
Figure 25.2 CLK Characterization
Parameter
Description
Test Setup
Speed
Unit
tVCS
VCC Setup Time
Min
1
ms
Parameter
Description
80 MHz
66 MHz
54 MHz
Unit
fCLK
CLK Frequency
Max
80
66
54
MHz
tCLK
CLK Period
Min
12.5
15.1
18.5
ns
tCH
CLK High Time
Min
3.5
6.1
7.40
ns
tCL
CLK Low Time
tCR
CLK Rise Time
Max
2
3
3
ns
tCF
CLK Fall Time
VCC
RESET#
tVCS
tCLK
tCL
tCH
tCR
tCF
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com