Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 63 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 59Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 60Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 61Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 62Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 63Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 64Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 65Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 66Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
M28W640FCT, M28W640FCB
Common Flash Interface (CFI)
63/77
(P+F)h = 44h
0080h
Protection Field 1: Protection Description
This field describes user-available One Time Programmable
(OTP) Protection register bytes. Some are pre-programmed with
device unique serial numbers. Others are user programmable.
bits 0–15 point to the Protection register Lock byte, the section’s
first byte.
The following bytes are factory pre-programmed and user-
programmable.
bit 0 to 7 Lock/bytes JEDEC-plane physical low address
bit 8 to 15Lock/bytes JEDEC-plane physical high address
bit 16 to 23 "n" such that 2n = factory pre-programmed bytes
bit 24 to 31 "n" such that 2n = user programmable bytes
80h
(P+10)h =
45h
0000h
00h
(P+11)h =
46h
0003h
8 byte
(P+12)h =
47h
0004h
16 byte
(P+13)h =
48h
Reserved
1.
See Table 27, offset 15 for P pointer definition
Table 31.
Security code area
Offset
Data
Description
80h
00XX
Protection Register Lock
81h
XXXX
64 bits: unique device number
82h
XXXX
83h
XXXX
84h
XXXX
85h
XXXX
128 bits: User Programmable OTP
86h
XXXX
87h
XXXX
88h
XXXX
89h
XXXX
8Ah
XXXX
8Bh
XXXX
8Ch
XXXX
Table 30.
Primary Algorithm-specific Extended Query table (continued)
Offset
P = 35h (1)
Data
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com