Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 15Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 16Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 17Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 18Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 19Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 20Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 21Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 22Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
M28W640FCT, M28W640FCB
Command interface
19/77
4.7
Double Word Program command
This feature is offered to improve the programming throughput, writing a page of two
adjacent words in parallel.The two words must differ only for the address A0. Programming
should not be attempted when VPP is not at VPPH.
Three bus write cycles are necessary to issue the Double Word Program command.
●
The first bus cycle sets up the Double Word Program Command.
●
The second bus cycle latches the Address and the Data of the first word to be written.
●
The third bus cycle latches the Address and the Data of the second word to be written
and starts the Program/Erase Controller.
Read operations output the Status Register content after the programming has started.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the block containing the memory location must be erased and
reprogrammed.
See Appendix C, Figure 17: Double Word Program flowchart and pseudo code for the
flowchart for using the Double Word Program command.
4.8
Quadruple Word Program command
This feature is offered to improve the programming throughput, writing a page of four
adjacent words in parallel.The four words must differ only for the addresses A0 and A1.
Programming should not be attempted when VPP is not at VPPH.
Five bus write cycles are necessary to issue the Quadruple Word Program command.
●
The first bus cycle sets up the Quadruple Word Program Command.
●
The second bus cycle latches the Address and the Data of the first word to be written.
●
The third bus cycle latches the Address and the Data of the second word to be written.
●
The fourth bus cycle latches the Address and the Data of the third word to be written.
●
The fifth bus cycle latches the Address and the Data of the fourth word to be written
and starts the Program/Erase Controller.
Read operations output the Status Register content after the programming has started.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the block containing the memory location must be erased and
reprogrammed.
See Appendix C, Figure 18: Quadruple Word Program flowchart and pseudo code, for the
flowchart for using the Quadruple Word Program command.
4.9
Clear Status Register command
The Clear Status Register command can be used to reset bits 1, 3, 4 and 5 in the Status
Register to ‘0’. One bus write cycle is required to issue the Clear Status Register command.
The bits in the Status Register do not automatically return to ‘0’ when a new Program or
Erase command is issued. The error bits in the Status Register should be cleared before
attempting a new Program or Erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com