Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 24 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 20Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 21Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 22Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 23Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 24Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 25Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 26Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 27Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
Command interface
M28W640FCT, M28W640FCB
24/77
Table 5.
Read Electronic signature(1)
1.
RP = VIH.
Code
Device
E
G
W
A0
A1
A2-A7
A8-A21
DQ0-DQ7
DQ8-
DQ15
Manufacture
Code
VIL
VIL
VIH
VIL
VIL
0
Don't Care
20h
00h
Device Code
M28W640
FCT
VIL
VIL
VIH VIH
VIL
0
Don't Care
48h
88h
M28W640
FCB
VIL
VIL
VIH VIH
VIL
0
Don't Care
49h
88h
Table 6.
Read Block Lock signature
Block Status
E
G
W
A0
A1
A2-A7
A8-A11
A12-A21
DQ0 DQ1
DQ2-
DQ15
Locked Block
VIL VIL VIH VIL VIH
0
Don't
Care
Block
Address
1
0
00h
Unlocked
Block
VIL VIL VIH VIL VIH
0
Don't
Care
Block
Address
0
0
00h
Locked-
Down Block
VIL VIL VIH VIL VIH
0
Don't
Care
Block
Address
X (1)
1.
A Locked-Down Block can be locked "DQ0 = 1" or unlocked "DQ0 = 0"; see Block Locking section.
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com