Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 75 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 69Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 70Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 71Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 72Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 73Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 74Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 75Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 76Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
M28W640FCT, M28W640FCB
Command Interface and Program/Erase Controller State
75/77
Program
(complete)
Read
Elect.Sg.
Read
CFIQuery
Lock Setup
Prot. Prog.
Setup
Read Array
Erase
Setup
Erase Command Error
Erase
(continue)
Erase
Cmd.Error
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Erase
(continue)
Erase (continue)
Erase
Suspend
Read
Ststus
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read Array
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
Suspend
Read CFI
Query
Erase
Suspend
Read
Elect.Sg.
Erase
Suspend
Read CFI
Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
1.
Cmd = Command, Elect.Sg. = Electronic Signature, Prog. = Program, Prot = Protection.
Table 33.
Write State machine Current/Next(1) (continued)
Current
State
Command Input (and Next State)
Read
Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock
Setup
(60h)
Prot.
Prog.
Setup
(C0h)
Lock
Confirm
(01h)
Lock
Down
Confirm
(2Fh)
Unlock
Confirm
(D0h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com