Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 72 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 68Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 69Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 70Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 71Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 72Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 73Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 74Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 75Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Command Interface and Program/Erase Controller State
M28W640FCT, M28W640FCB
72/77
Appendix D
Command Interface and Program/Erase
Controller State
.
Table 32.
Write State machine Current/Next(1)
Current
State
SR
bit
7
Data When
Read
Command Input (and Next State)
Read
Array
(FFh)
Program
Setup
(10/40h)
Erase
Setup
(20h)
Erase
Confirm
(D0h)
Prog/Ers
Suspend
(B0h)
Prog/Ers
Resume
(D0h)
Read
Status
(70h)
Clear
Status
(50h)
Read Array “1”
Array
Read
Array
Prog.Setup
Ers.
Setup
Read Array
Read
Sts.
Read
Array
Read
Status
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read
Elect.Sg.
“1”
Electronic
Signature
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Read CFI
Query
“1”
CFI
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Lock Setup “1”
Status
Lock Command Error
Lock
(complete)
Lock Cmd
Error
Lock
(complete)
Lock Command
Error
Lock Cmd
Error
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Lock
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Prot. Prog.
Setup
“1”
Status
Protection Register Program
Prot. Prog.
(continue)
“0”
Status
Protection Register Program continue
Prot. Prog.
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Prog.
Setup
“1”
Status
Program
Program
(continue)
“0”
Status
Program (continue)
Prog. Sus
Read Sts
Program (continue)
Prog. Sus
Status
“1”
Status
Prog.
Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read
Sts
Prog.
Sus
Read
Array
Prog. Sus
Read Array
“1”
Array
Prog.
Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read
Sts
Prog.
Sus
Read
Array
Prog. Sus
Read
Elect.Sg.
“1”
Electronic
Signature
Prog.
Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read
Sts
Prog.
Sus
Read
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com