Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 19Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 20Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 21Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 22Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 23Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 24Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 25Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 26Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
M28W640FCT, M28W640FCB
Command interface
23/77
Table 4.
Commands(1)
Commands
Bus Write operations
1st Cycle
2nd Cycle
3rd Cycle
4th Cycle
5th Cycle
Op. Add
Data
Op.
Add Data
Op. Add Data Op. Add Data
Op. Add Data
Read Memory
Array
1+ Write
X
FFh
Read
RA
RD
Read Status
Register
1+ Write
X
70h
Read
X
SRD
Read
Electronic
Signature
1+ Write
X
90h
Read SA(2)
IDh
Read CFI
Query
1+ Write
X
98h
Read
QA
QD
Erase
2
Write
X
20h
Write
BA
D0h
Program
2
Write
X
40h or
10h
Write
PA
PD
Double Word
Program(3)
3
Write
X
30h
Write
PA1
PD1 Write PA2 PD2
Quadruple
Word
Program(4)
5
Write
X
56h
Write
PA1
PD1 Write PA2 PD2 Write PA3 PD3 Write PA4 PD4
Clear Status
Register
1
Write
X
50h
Program/Erase
Suspend
1Write
X
B0h
Program/Erase
Resume
1Write
X
D0h
Block Lock
2
Write
X
60h
Write
BA
01h
Block Unlock
2
Write
X
60h
Write
BA
D0h
Block Lock-
Down
2
Write
X
60h
Write
BA
2Fh
Protection
Register
Program
2
Write
X
C0h
Write PRA PRD
1.
X = Don't Care,RA=Read Address,RD=Read Data, SRD=Status Register Data, ID=Identifier (Manufacture and Device
Code), QA=Query Address, QD=Query Data, BA=Block Address, PA=Program Address, PD=Program Data,
PRA=Protection Register Address, PRD=Protection Register Data.
2.
The signature addresses are listed in Tables 5, 6 and 7.
3.
Program Addresses 1 and 2 must be consecutive Addresses differing only for A0.
4.
Program Addresses 1,2,3 and 4 must be consecutive Addresses differing only for A0 and A1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com