Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W640FCT85N1F Datasheet(PDF) 48 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 44Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 45Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 46Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 47Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 48Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 49Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 50Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 51Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Part numbering
M28W640FCT, M28W640FCB
48/77
10
Part numbering
Table 22.
Ordering information scheme
Example:
M28W640FCT 90
N
6
E
Device type
M28
Operating voltage
W = VDD = 2.7V to 3.6V; VDDQ = 1.65V to 3.6V
Device function
640FC = 64 Mbit (4 Mb x16), Boot Block
Array matrix
T = Top Boot
B = Bottom Boot
Speed
70 = 70ns
85 = 85ns
90 = 90ns
10 = 100ns
Package
N = TSOP48: 12 x 20 mm
ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch
Temperature range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
E = ECOPACK® Package, Standard Packing
F = ECOPACK® Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com